Part Number Hot Search : 
100JB2L TLP283 4017B NTE10 21M10 C3611 AX200667 MAX11611
Product Description
Full Text Search
 

To Download BNP002-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description series effective frequency (mhz) equivalent page .1 1 10 100 1000 10000 20000 circuit ferrite bead blo 248 - 249 3-terminal ds(s)306 250-251, 254 capacitor ds(s/t)310/h 252 - 254 3-terminal vfr303 255 varistor/ dss706 256 capacitor dss710 257 - 258 block bnp 259 filter bnx 260 - 261 common mode plt 262 - 263 chokes feed-thru sub mini df/tf 264 - 265 capacitor tf318/h/418 266 emc absorber ea 267 ferrite fs 268 cg01-i 247 emi leaded filters table of contents based on more than 30 years of ceramic and ferrite technology experience, murata electronics full range of leaded emi filters have been designed to meet todays electronic industry requirements. muratas leaded devices consist of ferrite bead inductors, feed-thru capacitors, 3 terminal capacitors, varistor/capacitors common mode chokes and block filters. emi leaded filters new
emi leaded filters ferrite bead inductors bl01, bl02 & bl03 series 248 cg01-i ferrite beads are used for noise suppression in car radios, digital control equipment and for the prevention of spurious oscillation in radio frequency amplifiers. these ferrite bead inductors are devices which can effectively be used on printed circuit boards where high component density is essential. taped and reeled types are also available for automatic insertion. radial leaded units can be classified into two types ? one using a single ferrite bead and the other using two ferrite beads. features applications micro computer, switching regulators, digital control equipment, car radios, car stereos, etc. bl 01 rn 1 a 62 t5 bead bead type material number lead lead tape inductor 01 = axial of beads style code style 02 = radial a = axial 03 = compact radial r = radial part numbering system dimensions: mm specifications radial unit lead length bl01rn1-a62 bl01rn1-a62b1 bl02rn2-r62 bl02rn1-r62 bl03rn2-r62 suffix lead length *r62 10.0 0.8 bulk r63 6.0 0.5 r64 4.0 0.8 tape & r62-t2 16.5 0.5 reel r62-t3 20.0 0.5 *r62-t4 18.5 0.5 *standard item characteristics permeability ( i) 550 saturation magnetic (bs) 3100 (gauss) residual magnetic flux density (brs) 1700 (gauss) coercive force (hc) 0.3 (oe) curie point (tc) 130 (?) temp. coefficient ( r) 20 x 10 ? relative loss factor (df/ i) 13 x 10 ? 0.5 (mhz) resistivity ( )10 7 (ohms ?m ) max. rated current bl01 and bl02 ( a ) (bulk) 7a bl01 and bl02 ( a ) (taped) 6a bl03 (taped or bulk) 6a configurations part number form bl01rn1-a62 axial, single bead bl01rn1-a62b1 axial, single bead, bent bl01rn1-a62t5 axial, single bead, taped bl01rn1-a63t6 axial, single bead, taped bl02rn1-r62 radial, single bead bl02rn2-r62 radial, double bead bl02rn1-r62t4 radial, single bead, (ammo) bl02rn2-r62t4 radial, double bead, (ammo) bl03rn2-r62 radial, double bead bl03rn2-r62t4 radial, double bead, ammo operating temperature: ?5? to +85? available as standard through authorized murata electronics distributors. 3.60 d 0.15 3.6 0.15 3.7 1.0 10.0 1.0 5.0 0.3 5.0 0.3 5.0 0.8 9.0 max. 15.0 min. 7.5 max. 3.4 0.2 45 min. 0.65 d. 0.65 0.65 d. 5.0 0.8 5.0 0.8 15.0 min. 15.0 min. 7.5 max. 7.5 max. 6.5 max. 8.3 max. 2.3 max. 3.4 0.2 0.65 d. 0.60 20.0 min. 20.0 min.
item code dimensions: mm pitch of component p 12.7 pitch of sprocket hole p 0 12.7 0.2 lead spacing f 5.0 +0.8 0.2 length from hole center to lead p 1 3.85 0.7 length from hole center to p 2 6.35 1.3 component center bl02rn1 7.5 max. width of body d bl02rn2 9.0 max. bl03rn2 8.3 max. height of bead h bl02 7.5 max. bl03 6.5 max. deviation along tape, left or right s ?.0 carrier tape width w 18.0 0.5 position of sprocket hole w 1 9.0 +0 0.5 t2= 16.5 0.5 lead length h 1 t3= 20.0 0.5 t4= 18.5 0.5 protrusion length +0.5 to ?.0 diameter of sprocket hole d 0 4.0 0.1 lead diameter d 0.60 0.5 total tape thickness t 0.7 0.2 deviation across tape h 1.0 max. portion to cut in case of defect l 11.0 +0 ?.0 hold down tape width w 0 12.0 0.5 hold down tape position w 2 1.5 1.5 body thickness t bl02 3.4 0.2 bl03 2.3 max. cg01-i 249 emi leaded filters ferrite bead inductors bl01, bl02 & bl03 series z r x z r x z r x typical impedance characteristics tape dimensions: mm bl01rn1/bl02rn1 bl02rn2 bl03rn2 axial lead type bl01 series bl01rn1-a62t5/a63t6 radial lead type bl02/bl03 series bl02rn1-r62t4 bl02rn2-r62t4/bl03rn2-r62t4 140 120 100 80 60 40 20 0 0.5 1 2 5 10 20 50 100 200 500 1000 frequency (mhz) 3.6 0.15 5.0 0.3 5.0 0.5 6.0 1.0 l 1 ?l 2 1.5 ** a62t5 = 52 +2 ? ** a63t6 = 26 +1.5 ? 3.2 max. 1.2 max. 0.8 max. direction of feed 0.6 0.05 l2 * * l1 l w 1 h 1 t t w 2 w 0 h s p 1 p 2 p h f d p 0 d 0 w l w 1 h 1 t t w 2 w 0 h s p 1 p 2 p h f d p 0 d 0 w 0 impedance (ohms) 140 120 100 80 60 40 20 0 0.5 1 2 5 10 20 50 100 200 500 1000 frequency (mhz) impedance (ohms) 140 120 100 80 60 40 20 0 0.5 1 2 5 10 20 50 100 200 500 1000 frequency (mhz) impedance (ohms) d d emi leaded filters
250 cg01-i emi leaded filters emi suppression filter compact disc-type ds306 & dss306 series applications  computer and peripherals interfaces  compact digital equipment  compact ppc, electronic typewriters, other electronic equipment and appliances  helps all electronic equipment and appliances meet fcc, vde and cispr regulations  std footprint for high density mounting ds disc type ferrite bead series lead temperature capacitance capacitance rated blank = none type configuration characteristics tolerance voltage s = inside 55 = bulk 91 = taped 351 = bulk (inside crimp) 431 = taped (inside crimp) part numbering system capacitor part number capacitance w.v. t.c. ferrite dimensions insertion ?5 to +85? beads loss ds306-55y5s220m50 22pf 20% ?2% ___________________________________________ ____ ______________ ____ ds306-55y5s330m50 33pf 20% ?2% ___________________________________________ ____ ______________ ____ ds306-55y5s470m50 47pf 20% ?2% ___________________________________________ ____ ______________ ____ ds306-55y5s101m50 100pf 20% 50vdc ?2% none fig. 1 fig. 4 ___________________________________________ ____ ______________ ____ ds306-55y5s271m50 270pf 20% ?2% ___________________________________________ ____ ______________ ____ ds306-55y5s102m50 1000pf 20% ?2% ___________________________________________ ____ ______________ ____ ds306-55y5s222m50 2200pf 20% ?2% ___________________________________________ ____ ______________ ____ ds306-55fz103z50 10000pf + 80%, ?0% +30%, ?5% dss306-55y5s220m100 22pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-55y5s330m100 33pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-55y5s470m100 47pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-55y5s101m100 100pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-55y5s151m100 150pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-55y5s221m100 220pf 20% 100vdc ?2% internal fig. 2 fig. 5 ___________________________________________ ____ ______________ ____ dss306-55y5s271m100 270pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-55y5s471m100 470pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-55y5s102m100 1000pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-55y5u222z100 2200pf + 80%, ?0% +22%, ?6% ___________________________________________ ____ ______________ ____ dss306-55fz103n100 10000pf 30% +30%, ?5% dss306-55f223z16 22000pf + 80%, ?0% 16vdc +30%, ?0% dss306-351y5s220m100 22pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-351y5s330m100 33pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-351y5s470m100 47pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-351y5s101m100 100pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-351y5s151m100 150pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-351y5s221m100 220pf 20% 100vdc ?2% internal fig. 3 fig. 6 ___________________________________________ ____ ______________ ____ dss306-351y5s271m100 270pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-351y5s471m100 470pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-351y5s102m100 1000pf 20% ?2% ___________________________________________ ____ ______________ ____ dss306-351y5u222z100 2200pf + 80%, ?0% +22%, ?6% ___________________________________________ ____ ______________ ____ dss306-351fz103n100 10000pf 30% +30%, ?5% dss306-351f223z16 22000pf + 80%, ?0% 16vdc +30%, ?0% specifications note: ?5?in part number denotes bulk packaging. for taped product, replace with appropriate number from chart on page 254. al l units are rated 6 amp. available as standard through authorized murata electronics distributors.
cg01-i 251 emi leaded filters emi suppression filter compact disc-type ds306 & dss306 series dimensions: mm typical insertion loss characteristics ds306-55 series fig. 1 ds306-55 series fig. 4 dss306-55 series fig. 2 dss306-55 series fig. 5 dss306-351 series fig. 3 dss306-351 series fig. 6 7.0 max. 2.54 max. 8.0 max. 3 x 0.8d. mounting hole mounting hole mounting hole 0 20 40 60 80 100 120 103 222 102 271 101 470 330 0.1 1 10 100 1000 frequency (mhz) insertion loss (db) 0 20 40 60 80 100 120 220 223 330 220 103 222 102 471 271 151 101 470 221 0.1 1 10 100 1000 frequency (mhz) insertion loss (db) 0 20 40 60 80 100 120 220 221 151 330 223 103 222 102 471 271 101 470 0.1 1 10 100 1000 frequency (mhz) insertion loss (db) 2.5 0.2 0.6d. 25.0 min. f 1 : 2.5 0.5 5.0 0.5 f 1 f 1 7.0 max. 2.54 max. 8.0 max. 10.0 max. 3 x 0.8d. 2.5 0.2 0.6d. 25.0 min. f 1 : 2.5 0.5 5.0 0.5 f 1 8.0 max. 2.54 max. 7.0 max. 3 x 0.8d. 2.5 0.2 0.6d. 25.0 min. f 1 : 2.5 0.5 5.0 0.5 f 1 emi leaded filters
emi leaded filters emi suppression filters disc-type ds310/h, dst310/h & dss310/h series 252 cg01-i ds 310 55 y5s 271 m 100 disc type ferrite bead series lead temperature capacitance capacitance rated blank = none type configuration characteristics tolerance voltage t = outside 55 = bulk s = inside 91 = taped part numbering system capacitor part number capacitance w.v. t.c. ferrite dimensions insertion ?5? to +85? beads loss for general applications ds310-55y5s271m100 270pf 20% 100v ds310-55y5s222m100 2200pf 20% 100v ?2% none fig. 1 fig. 4 ds310-55y5s223s50 22000pf + 50%, ?0% 50v ds310-55y5s104m16 100000pf 20% 16v dst310-55y5s271m100 270pf 20% 100v dst310-55y5s222m100 2200pf 20% 100v ?2% external fig. 2 fig. 5 dst310-55y5s223s50 22000pf + 50%, ?0% 50v dss310-55y5s220m100 22pf 20% 100v dss310-55y5s470m100 47pf 20% 100v dss310-55y5s101m100 100pf 20% 100v ?2% internal fig. 3 fig. 6 dss310-55y5s271m100 270pf 20% 100v dss310-55y5s222m100 2200pf 20% 100v dss310-55y5s223s50 22000pf + 50%, ?0% 50v for audio circuits (low distortion type) dss310-55bl222m100 2200pf 20% 100v ?0% internally fig. 3 fig. 9 dss310-55dl223s50 22000pf + 50%, ?0% 50v +20%, ?0% specifications part number capacitance t.c. ferrite dimensions* insertion ?5? to +85? ?0? to +105? beads loss for high temperature applications ds310h-55b220m250 none fig. 1 fig. 7 ___________________ ____ __________________________________ ____ dst310h-55b220m250 22pf 20% external fig. 2 fig. 8 ___________________ ____ __________________________________ ____ dss310h-55b220m250 internal fig. 3 fig. 10 ________________________________________ ___ __________________________________ ____ ds310h-55b101m250 none fig. 1 fig. 7 ___________________ ____ __________________________________ ____ dst310h-55b101m250 100pf 20% ?0% external fig. 2 fig. 8 ___________________ ____ __________________________________ ____ dss310h-55b101m250 ?0% internal fig. 3 fig. 10 ________________________________________ ___ __________________________________ ____ ds310h-55b271m250 none fig. 1 fig. 7 ___________________ ____ __________________________________ ____ dst310h-55b271m250 270pf 20% external fig. 2 fig. 8 ___________________ ____ __________________________________ ____ dss310h-55b271m250 internal fig. 3 fig. 10 ________________________________________ ___ __________________________________ ______________ ____ ds310h-55b222m250 none fig. 1 fig. 7 ___________________ ____ __________________________________ ____ dst310h-55b222m250 2200pf 20% ?0% external fig. 2 fig. 8 ___________________ ____ __________________________________ ____ dss310h-55b222m250 internal fig. 3 fig. 10 disc-type emifil ds310, dst310 and dss310 are t-type emi suppression filters. the disc-type emifil increases the self-resonant frequency of the capacitor by attaching two lead wires to one of the electrodes of the capacitor and increases the insertion loss by adding inductance to the lead in the dst and dss types only. frequencies to be suppressed can be selected by choosing the capacitance. they are also recommended for use as by-pass capacitors. *note: ds 310 series footprint for bulk and tape & reel are different. consult your local murata electronics sales office. all ds 310h units are rated at 7a max. and 250vdc. current rating is 7 amps for bulk packaged units, 6 amps for tape and reel. available as standard through authorized murata electronics distributors.
cg01-i 253 emi leaded filters emi suppression filters disc-type ds310/h, dst310/h & dss310/h series f 1 f 2 1 3 2 f 1 1 3 2 f 2 f 2 f 2 f 1 f 2 f 2 1 3 2 f 3 f 3 f 3 f 3 f 3 f 3 13 2 1 3 2 1 3 2 dimensions: mm (see note) typical insertion loss characteristics ds310/310h type fig. 1 dst310/310h type fig. 2 dss310/310h type fig. 3 9.5 max. ds310 series fig. 4 dst310 series fig. 5 dss310 series fig. 6 dss310 series fig. 9 ds310h fig. 7 dst310h fig. 8 bl222/dl223 dss310h fig. 10 0 20 40 60 80 100 104 223 222 271 0.01 0.05 0.1 0.5 1 5 10 50 100 500 1000 frequency (mhz) insertion loss (db) 0 20 40 60 80 100 222 271 101 220 0.01 0.05 0.1 0.5 1 5 10 50 100 500 1000 frequency (mhz) insertion loss (db) 0 20 40 60 80 100 222 271 101 220 0.01 0.05 0.1 0.5 1 5 10 50 100 500 1000 frequency (mhz) insertion loss (db) 0 20 40 60 80 100 dl223 bl222 0.01 0.05 0.1 0.5 1 5 10 50 100 500 1000 frequency (mhz) insertion loss (db) 0 20 40 60 80 100 222 271 101 220 0.01 0.05 0.1 0.5 1 5 10 50 100 500 1000 frequency (mhz) insertion loss (db) 0 20 40 60 80 100 223 222 271 0.01 0.05 0.1 0.5 1 5 10 50 100 500 1000 frequency (mhz) insertion loss (db) 0 20 40 60 80 100 271 101 470 220 223 222 0.01 0.05 0.1 0.5 1 5 10 50 100 500 1000 frequency (mhz) insertion loss (db) 1.5 max. 4.0 max. 10.0 max. 25.0 min. mounting holes 1.0 0.5 1.0 0.2 2.5 0.2 1.0 ?3 2.5 0.2 2.5 0.2 1.0 ?3 2.5 0.2 2.5 0.2 1.0 ?3 2.5 0.2 bulk tape bulk tape bulk tape 0.65 d. 9.5 max. 1.5 max. 25.0 min. 4.0 max. 15.5 max. ferrite bead 1.25 0.5 0.65 d. 12.0 max. 1.5 max. 7.5 max. 10.5 max. 25.0 min. 2.5 0.5 0.65 d. 3 x 0.8 d. mounting holes 1.25 0.2 3 x 0.8 d. mounting holes 2.5 0.2 f 1 = 5.0 0.5 f 2 = 2.5 0.5 f 3 = 2.5 0.2 3 x 0.8 d. note: ds 310 series footprint for bulk and tape are different. consult your local murata electronics sales office for details. ferrite bead emi leaded filters
254 cg01-i emi leaded filters emi suppression filters tape & reel ds 306, ds 310/310h series dst 310 e 55 y5s 271 m 100 t = ferrite bead outside series 55 = bulk pkg. temp. cap. tolerance rated s = ferrite bead inside 9 = tape char. value voltage (see chart) taping codes *three types of h dimensions (lead length) are available for various types of insertion machines. part numbering, ds306 & dss310 series tape dimensions: mm packaging type and numbers code h straight leads crimped leads tape & reel 91 20.0 92 421 16.5 93 431 18.5 item code dimensions: mm remarks taping pitch p 12.7 product inclination s determines tolerance guide pitch p 0 12.7 0.2 hole center to lead p 1 3.85 0.7 hole center to p 2 6.35 ?.3 shift in tape in component center direction of feed 7.0 [9.5] ds max. [ ]...... diameter of body d 8.0 [9.5] dst max. ds 310 8.0 [12] dss max. series deviation of body center s 0 1.0 width of base tape w 18.0 0.5 feed hole position to w 1 9.0 tape widthwise shift capacitor lead protrusion length +0.5 to ?.0 diameter of feed hole d 0 4.0 0.1 diameter of lead d 0.6 total thickness of tape t 1 0.7 0.2 includes thickness t 2 1.5 max. of bonding tape deviation across tape h 1 1.0 max. h 2 1.0 max. length of snipped lead l 11.0 width of hold position w 0 12.0 0.5 hold-down tape position w 2 1.5 1.5 lead distance between h 18.5 1.0 16.5 & 20.0mm lengths reference and bottom planes are also available lead spacing f 5.0 f 1 2.5 +0 ?.5 +0 ?.0 +0.8 ?.2 +0.4 ?.2 part number quantity (pcs.) flat pack reel ds 306 series 2000 ds310/310h series 2000 dst310/310h series 1000 dss310/310h series 800 non standard ds306-91 type ds310-91 type dss310-91 type (taping for dss type is only dss310-91 type) dst310-91 type dss306-91 type dss306-431 type w w 1 w 2 w 1 f 1 f 1 p 0 p 2 d 0 p f h *8.0 max. **11.0 max. *2.54 max. **4.0 max. d d s h 1 t 1 t 2 h 2 l w w 1 w 2 w 0 f 1 f 1 p 0 p 2 p 1 p 1 d 0 p f h w w 1 w 2 w 0 f 1 p 0 p 2 d 0 p f h 7.0 max. 2.54 max. d d s h 1 t 1 t 2 h 2 l p 1 w w 1 w 2 w 0 f 1 p 0 p 2 d 0 p f h 10.0 max. 2.54 max. d d s h 1 t 1 t 2 h 2 l p 1 w w 1 w 2 w 0 f 1 p 0 p 2 d 0 p f f 1 h 11.0 max. 7.5 max. d d s h 1 t 1 t 2 h 2 l p 1 15.5 max. 4.0 max. d d s h 1 t 1 t 2 h 2 l
cg01-i 255 emi leaded filters emi suppression filters with semiconductor surge protection the vfr303 series is an emi suppression filter with a built-in varistor function designed to protect semiconductors, such as c-mos and ttl, from esd surge rushes. the vfr303 series works well as emi suppression filter. features  absorbs esd surges, provides ic protection.  excellent signal line emi suppression filter.  thin and low height enables high density mounting. applications elimination of noise and protection of semiconductors in office automation equipment, including computers and their peripheral equipment, copy machines, and communication terminals. part numbering system specifications capacitance (1khz) dc resistance rated voltage rated current peak pulse part number (between (ohms) (between (between varistor current (between operating terminals 1-2) (between terminals 1-2) terminals 1-3) voltage terminals 1-2) temp. range terminals 1-3) 8/20 s vfr303-351 ay 25 130pf 20% 150 35% 25vdc 20ma 50vdc 20% 15a ?5 to +85? (v1ma) dimensions: mm 0 10 20 30 40 50 60 70 5 10 100 1000 frequency (mhz) insertion loss (db) 8.0 max. vfr303 ? 351 ay 25 series packaging type rated voltage bulk = 351 taped = 431 terminal f 1 5.0 0.5 f 1 : 2.5 0.5 25.0 max. 2.3 max. 5.0 max. 0.45 0.1 dia. 3 x 0.8 dia. 2.5 0.2 standard mounting hole vfr303 series available as standard through authorized murata electronics distributors. vfr303-351 typical insertion loss characteristics (50 ohms ?3k ohms) emi leaded filters
256 cg01-i emi leaded filters emi suppression filters varistor-capacitor the dss706 varistor-capacitor is a three-terminal filter which suppresses noise emission from electronic equipment while controlling incoming surges of static electricity. its small size enables 2.5mm pitch mounting. applications elimination of noise and protection of semiconductors in office automation equipment, including computers, peripheral equipment, copy machines, and communication terminals. features  protects circuits from electrical surges and acts as a filter for signal lines.  effectively suppresses high-frequency noise from signal lines. (performance equivalent to conventional three-terminal capacitor.)  small size enables it to be mounted at 2.5mm pitch. three-terminal structure leads to superior high-frequency characteristics.  built-in ferrite bead provides excellent emi suppression. part numbering system specifications dimensions: mm typical insertion loss characteristics 0 20 40 60 10.0 100.0 1000.0 frequency (mhz) insertion loss (db) 8.0 max. dss706 ? 351 d 221m 25 ? 50 series lead temp. capacitance rated varistor configuration char. and voltage voltage 351 = bulk tolerance 431 = taped f 1 f 1 5.0 0.5 f 1 : 2.5 0.5 25.0 min. 2.54 max. 10.5 max. 0.6 d. 3 x 0.8 2.5 0.2 mounting hole dss706 series available as standard through authorized murata electronics distributors. part number capacitance capacitance rated max. rated varistor peak pulse operating temp. char. voltage current voltage current temp. range dss706-351d221m25-50 220pf 20% +20%, ?0% 25vdc 6 amps 50 20% 100a 40 to +105?
cg01-i 257 emi leaded filters emi suppression filters varistor-capacitor the dss710 uses a capacitor element which provides the varistor function. this varistor-capacitor not only works as a bypass capacitor but also lets high-voltage surges flow to ground. the varistor-capacitor used in the dss710 has a 3-lead structure, so that its high frequency functions are substantially better than those of conventional capacitors. furthermore, it is combined with ferrite bead to form a t-shaped filter circuit that most effectively suppresses emi. the dss710 efficiently removes fast-rising transients and high-frequency emi above 50 or 60 mhz which conventional capacitors and varistor-capacitors are incapable of removing. varistor-capacitors are used even where conventional emi-filters fail. they are self-healing and effective in circuits having 500-600v impulses. part numbering system specifications dimensions: mm 0 20 40 60 80 100 0.01 0.05 0.1 0.5 1 5 10 50 100 500 1000 frequency (mhz) insertion loss (db) dss710 d 223s 12 22 series temperature capacitance rated varistor characteristics and voltage voltage tolerance typical insertion loss characteristics f 10.5 max. 12.0 max. 2.5 0.5 2.5 0.2 mounting holes f = 5.0 0.5 f 1 = 2.5 0.5 f 2 = 2.5 0.2 dss710 series available as standard through authorized murata electronics distributors. part number dss710 d223 s 12-22 capacitance 22000pf % df 5.0% max. insulation resistance 1m ohms min. i c (max.) 7 a rated voltage 12vdc varistor voltage 22vdc 20% (v1ma) voltage nonlinear factor 1.25 max. (v10ma/v1ma) temperature characteristics % (?5? to +85?) operating temperature range 40? to +100? inductance 0.8 h x 2 (1khz) voltage ?current curve 7.5 max. f 1 2.5 max. 25.0 min. 3 x 0.8 f 2 f 2 0.65 voltage (v) current (ma) +50 ?0 +20 ?0 ?0 ?0 ?0 ?0 0 10 20 30 40 300 200 100 ?00 ?00 ?00 note: footprint for bulk and tape & reel are different. consult your local murata electronics sales office. emi leaded filters
258 cg01-i emi leaded filters emi suppression filters varistor-capacitors dss710 series the reason the 3-terminal structure provides excellent high frequency characteristics. bypass capacitors should logically be able to remove more noise as frequency increases. in actual fact, the electrodes and lead wires of the capacitor have series inductance as shown in fig. 3, and this causes an lc resonance when the frequency is between 1mhz and 50mhz. as a result, when the frequency is higher than the self-resonance frequency, the noise suppression capability of the bypass capacitor is drastically reduced because the capacitor functions as inductor. to solve this problem, the dss series has one side of the capacitor electrodes connected to two lead wires. this eliminates the series inductance to the capacitor. furthermore, a ferrite bead is attached to each lead wire to form a t-shaped filter, thus providing efficient noise suppression. appearance ferrite bead: absorbs high-frequency noise. varistor: bypasses high-voltage surges to ground in order to protect circuits. capacitor: bypasses high-frequency noise. symbol 12-22 223s conventional 2-lead capacitor 3-lead capacitor (dss series) fig. 3 equivalent circuit 12-22 223s m m 3 -terminal structure applications noise absorption effect of varistor-capacitor waveform when a varistor-capacitor is not used (surge from a noise simulator). varistor-capacitor is used to suppress the surge shown below waveform after the noise passes through a varistor-capacitor. protection of circuitry is achieved. the varistor-capacitor is capable of removing even 1200v surges and will withstand 2000v impulses. scale: 200v/div. 10ns/div. systems lines to be connected to effects engine controllers power lines, i/o for protection of systems from excessive voltage. prevents ignition noise, low-frequency current lightning surges, etc. from causing malfunctions. automobile power lines, audio protection of system from excessive voltage. prevents ignition noise from audio equipment output lines influencing audio current. computers power lines, i/o lines for protection of systems from excessive voltage. prevents radiation and low-frequency current conduction noise. dc motors power lines prevention of brush noise.
cg01-i 259 emi leaded filters emi suppression filters block filters bnp002/004 series block-type bnp002 filters completely eliminate noise from extremely wide frequency bands. the bnp002 is ideal for eliminating noise in logic signal circuits and is designed to perform superbly through the use of through-type barrier layer capacitors, and bead inductors. each block contains a number of compact emi suppression filters. in addition, the input/output terminals and the grounding terminal are aligned in the same direction, thus permitting fast and easy assembly on any type of pc board. applications noise elimination from signal lines and dc power sources in engine control units, digital equipment and computer terminals.  since all noise in parallel signal lines can be eliminated by one filter block, minimum board space is utilized.  there are no connections in the feed-thru current circuits, thus ensuring highly reliable performance.  both the input/output terminals and the grounding terminal are aligned in the same direction, permitting fast and easy installation on any type of pc board. features  the emifil bnp002 incorporates feed-thru type barrier layer capacitors in pi circuits, obtaining significantly large insertion losses over an extremely wide frequency range ?from 15mhz up to 1ghz.  the cut-off frequency is designed to be at several mhz, which is ideal for eliminating noise from any circuit in which the signal frequency and the noise frequency are relatively close together. dimensions: mm specifications equivalent circuit item specifications part number bnp002-02 BNP002-03 bnp004-02 number of circuits 232 circuit construction operating temperature 40? to +100? range rated voltage 50vdc withstand voltage 300vdc 125vdc maximum current 10adc capacity insulation resistance 1000m ohms min. dc resistance 0.05 ohms max., (20? to 25?) insertion loss 20mhz to 500mhz: 40db 300mhz to 1ghz (20? to 25?) min. 40db min. recommended p.c. board pattern bnp002-02 bnp004-02 bnp002-02 bnp004-02 capacitance value of each circuit ( ) is 6600 pf min. : ground terminal non-directional BNP002-03 top view typical insertion loss characteristics insertion loss (db) 1 10 100 1000 frequency (mhz) 0 20 40 60 80 100 bottom view BNP002-03 available as standard through authorized murata electronics distributors. 12.0 0.5 17.0 0.5 11.0 0.5 11.0 0.5 5.0 0.5 5.0 0.5 0.6 0.1 0.6 0.1 2.5 0.2 2.5 0.2 0.8 0.1 2.5 0.2 2.5 0.2 2.5 0.1 2.5 0.1 2.5 0.1 0.8 0.1 10.0 0.1 15.0 0.1 mounting holes unit: mm 1.2 d. x 7 1.2 d. x 10 2.5x4=10 2.5x6=15 2.5 0.1 2.5 0.1 2.5 0.1 12.0 max. 12.0 max. 17.0 17.0 0.8 d. 0.8 d. 3.5 1.0 3.5 1.0 bnp004 bnp002 emi leaded filters
psg b cg cg cg cb psg b cg cg cg cb psg b l 1 l 3 c 2 c 1 l 2 b psg cb cg 260 cg01-i emi leaded filters emi suppression filters block filters bnx002/003/005 series block-type bnx002 filters completely eliminate noise from extremely wide frequency bands. the bnx002 is perfect for use in dc power circuits and is designed to perform superbly ? through the use of through-type barrier layer capacitors, monolithic chip capacitors and bead inductors. each block contains a number of compact emi suppression filters. in addition, the input/output terminals and the grounding terminal are aligned in the same direction, thus permitting fast and easy assembly on any type of pc board. applications noise elimination from signal lines and dc power sources in a variety of switching power sources, engine control units, digital equipment and computer terminals.  the filter is extremely compact since only one filter block is needed to completely eliminate noise from both the positive and ground lines.  there are no connections in the feed-thru current circuits, thus ensuring highly reliable performance.  both the input/output terminals and the grounding terminal are aligned in the same direction, permitting fast and easy installation on any type of pc board. features  the bnx002 incorporates feed-thru-type barrier layer capacitor and a chip capacitor which are interconnected. this combination enables the bnx002 to achieve a significantly large insertion loss throughout the extremely wide frequency range of 0.5mhz to 1ghz, which covers the am and uhf-tv broadcast frequency bands.  non polarized but care must be taken to ensure that terminal with inductor on ground line faces emi source. psg b cg cg cg cb psg cb cg cg cg b dimensions: mm specifications equivalent circuit item specifications part number bnx002-01 bnx003-01 bnx005-01 operating temperature 30? to +85? range rated voltage 50vdc 150vdc 50vdc test voltage 125vdc 375vdc 125vdc maximum current 10adc 15adc capacity insulation resistance 1000m ohms min. 1mhz to 1ghz 5mhz to 1ghz 1mhz to 1ghz insertion loss 40db min. 40db min. 40db min. 20? to 25? line impedance = 50 ohms recommended p.c. board pattern psg: power supply ground cb: circuit b cg: circuit ground top view bottom view top view pcb bottom view filter available as standard through authorized murata electronics distributors. 12.0 0.5 11.0 0.5 5.0 0.5 0.6 0.1 2.5 0.2 0.8 d. 7.5 0.2 for 005/01 lead dia. is 1.0 2.5 0.1 5.0 0.1 7.5 0.1 ground plane 2.5 0.2 *bnx005-01 = 13.5 and 18.5 2.5 0.1 2.5 0.1 13.0 max.* 1.2 d.x6 18.0* max. 3.5 1.0
 suppression of dc side ripple of the switching power supply  when bnx002 is not used ( high frequency noise, max. 0.5v, can be seen. ) +5.0v 50 s/div 0.2v/div  when bnx002 is used ( noise can be almost eliminated by bnx002. ) +5.0v 50 s/div 0.2v/div cg01-i 261 emi leaded filters emi suppression filters block filters bnx002/003/005 series using the bnx series effectively the block type filter effectively prevents unwanted reflections and external noise from entering the equipment circuitry and power lines by grounding all the high frequency components which make up the noise. to maximize performance, proper grounding is required. to insure proper grounding, observe the following points:  when designing the pc board, use all the available grounding terminals and arrange the circuit to maximize the area of the ground pattern.  minimize the distance between the pc board ground and the filters grounding plate.  insert the filter into the pc board up to the terminal roots.  do not externally connect psg to cg. bnx003-01 bnx002-01 & bnx005-01 typical insertion loss characteristics application insertion loss (db) switching power supply bnx002-01 +5v cg 0.001 0.01 0.1 1 10 100 1000 frequency (mhz) 0 20 40 60 80 100 emi leaded filters
plt0r53c plt2003c plt1r53c 262 cg01-i emi leaded filters emi suppression filters dc common mode choke coil plt series compact, lightweight, common mode choke coil for dc power supplies for common mode noise suppression from several mhz to several hundred mhz. features ideal for suppression of common mode noise in high frequencies ranging from several mhz to several hundred mhz. pcb mount type makes mounting simple. only negligible influence on 10mhz high frequency signals (plt0r53c only). applications to meet fcc regulations on digital equipment such as computers and computer terminal equipment. to meet vde regulations on hand-held digital appliances using ac adapters (suppression of unwanted radiation from power cords). suppression of radiated noise from cable between ac adapters and sets. suppression of radiated noise from dc power supply and interface cables. dimensions: mm part numbering system plt 1r5 3 c series inductance rated style current types part number inductance self-resonance marking ( h) min. frequency (mhz)* code plt0r53c 0.5 1000 min. b plt1r53c 1.5 250 a plt2003c 20.0 10 c specifications item rating rated voltage 50vdc rated current 3a withstand voltage 125vdc (1 to 5 seconds) operating temp. range ?5? to +60? typical insertion loss characteristics insertion loss (db) 0.1 0.2 0.5 1 2 5 10 20 50 100 200 500 1000 frequency (mhz) 0 5 10 15 20 25 available as standard through authorized murata electronics distributors. *typical value symbol 0.7 dia. 10.0 .5 7.5 .5 4.0 1.0 digital equipment micro computer equipment power supply power supply + signal 1 signal 2 + 5v gnd + 12v gnd interface cable plt plt plt ac adapter plt + 12.5 .5 max. 12.0 max. 10.0 max. n 1 : n 2 = 1 : 1 n 1 n 2 m
cg01-i 263 emi leaded filters noise filters dc common mode choke coil features  extended self-resonant frequency  meets fcc, cispr, vcci noise requirements  high current rating ?3a max.  high density mounting applications switching power supplies, digital equipment, ctv, vcr, ecr and other electronic equipment and appliances. specifications plt09h series available as standard through authorized murata electronics distributors. rated voltage 50vdc withstand voltage (between coils) 125vdc (1 min.) rated current (amps) 3.0 insulation resistance 10m ohms min. (100vdc 1 minute) dc resistance ohms max. 0.03 inductance min. 20 h operating temperature range ?0? to +85? temperature char. (inductance) 20? % (?5? ~ +60?) insertion loss (db) 0.1 1 10 100 1000 frequency (mhz) 0 5 10 15 20 25 30 n 1 n 1 :n 2 = 1:1 n 2 13 max. 8 max. 5 1 14 max. soldering 10 0.5 unit: mm 0.6 max. 5 0.5 typical insertion loss characteristics power supply micro computer equipment digital equipment ac adaptor plt plt plt plt gnd gnd 12v 5v power supply signal 1 signal 2 suppression of radiated noise from cable between ac adaptors and sets. suppression of radiated noise from dc power supply and interface cables. applications +80 ?0 part numbering system series inductance rated current interface cable emi leaded filters
emi leaded filters feed-thru capacitors subminiature df220, df221(h), df430, tf240(h) & df331(h) series 264 cg01-i since the input and output terminals of these feed-thru capacitors are isolated and the inductance on the grounded side is very small, they can be used effectively to very high frequencies. these devices are suitable for suppression of radiation from tv tuners, car radios, car stereos and transmission devices and provide enhanced protection from external noise sources. these subminiature feed-thrus, which may be incorporated in 2.54mm pitch connectors, are ideal for miniature electronic equipment. features  the use of barrier layer capacitors has resulted in smaller size and larger capacity than possible with conventional capacitors.  the nickel alloy electrode is resistant to soldering heat and is free from migration in high humidity environments.  compact electronic devices can be achieved by incorporating this capacitor with a 2.54mm pitch packaging density ?such as installation in connectors.  simple construction allows mass production assembly techniques. dimensions: mm df430 df220-00 df221(h)- part lead number l 1 l 2 df221(h)-601 10.0 1.0 20.0 1.0 df221(h)-602 20.0 1.0 20.0 1.0 part lead number l 1 l 2 tf240(h)-601 10.0 1.0 20.0 2.0 tf240(h)-602 5.0 1.0 12.0 1.0 tf240(h)-603 5.0 1.0 7.0 1.0 part lead solder for mounting number l 1 l 2 on the chassis plate df331(h)-812 6.5 1.0 9.5 1.0 provided df331(h)-895 6.5 1.0 9.5 1.0 none df331(h)-805 14.0 1.0 20.0 1.0 provided note: other lead wire lengths are available. please contact your nearest sales office for more detail. 1.6 0.2 d. 2.7 0.2 d. 4.3 0.2 d. 2.5 0.3 3.0 0.2 d. 2.5 0.2 d. 2.40 max. 0.7 0.3 1.0 0.1 d. 2.0 0.1 d. mounting hole 2.15 .04 2.5 0.2 d. 2.4 max. mounting hole 2.15 .04 d. 0.7 0.3 0.6 d. 2.0 0.1 l 1 l 2 3.5 0.5 0.7 0.3 0.6 d. 2.0 0.15 d. mounting hole l 1 l 2 l 1 l 2 2.7 0.2 d. 1.2 0.3 3.0 0.5 4.3 0.3 d. solder for mounting on the chassis plate available with or without solder nickel alloy electrode 0.8 d. mounting hole for the chassis plate mounting hole 3.2 +0.1 d. ? 1.0 +0.2 d. ? 2.5 +.03 d. ?.2 2.2 +.080 d. ?020 3.0 0.1 d.
cg01-i 265 emi leaded filters feed-thru capacitors subminiature df220, df221(h), df430, tf240(h) & df331(h) series specifications part number* cap. value cap. tol. wvdc insertion loss at 25?c (typ.) 10mhz 100mhz 1ghz df220 2pf +0, ?00% 50v 15pf 20% 50v 6 22pf 20% 50v 7 43pf 20% 50v 1 15 120pf 20% 50v 3 20 220pf 20% 50v 7 25 470pf 20% 50v 12 30 1000pf +80, ?0% 50v 3 18 35 1500pf +200, ?% 50v 5 20 40 df221(h) df221- 2pf +0, ?00% 50v df221- 15pf 20% 50v 6 df221- 22pf 20% 50v 7 df221- 43pf 20% 50v 1 15 df221- 120pf 20% 50v 3 20 df221- 220pf 20% 50v 7 25 df221- 470pf 20% 50v 12 30 df221(h)- 1000pf +80, ?0% 50v 3 18 35 df221- 1500pf +200, ?% 50v 5 20 40 df430 3300pf +200, ?% 50v 10 25 45 tf240(h) tf240 - 2pf 0.5pf 50v tf240 - 22pf 20% 50v 7 tf240 - 330pf 20% 50v 10 27 tf240(h)- 1000pf +200, ?% 50v 3 18 35 tf240 - 3300pf +80, ?0% 50v 10 25 45 df331(h) df331- 1pf +100, ?% 50v df331- 10pf 2pf 50v df331- 22pf 20% 50v 7 df331- 33pf 20% 50v 12 df331- 47pf 20% 50v 15 df331- 100pf 20% 50v 2 19 df331(h)- 1000pf +200, ?% 50v 3 18 35 df331- 3300pf +200, ?% 50v 10 25 45 operating temp. range: std. = ?5? to +85?, h = ?5? to +125? ?insulation resistance: 1000m ohms min. * ?see dimensions for other capacitance values, consult your local murata electronics sales office. available as standard through authorized murata electronics distributors. emi leaded filters
tf318 450 e 102 gmv 50v type and dimensions rated voltage temperature characteristic cap. tolerance tf318?0v?nly tf418?00v?nly nominal capacitance code max. cap. change temp. range b 10% ?5? to +85? e % ?5? to +85? code temp. coefficient sl +350 to ?000ppm/? yn ?00 to ?800ppm/? emi leaded filters feed-thru capacitors tf318(h) & tf418 series 266 cg01-i these feed-thru capacitors are designed for high frequency requirements, by-pass applications in vhf and uhf communications equipment and noise filters for car radios, car stereos and two-way radios. these devices feature simple construction, small size and nickel plated electrodes. they are migration free and have high thermal strength, mechanical strength and resistance to soldering heat. ease of mounting makes them ideal for new and conventional feed-thru applications. denotes configurations shown above. examples: tf318-450b271m50 tf418-452e102gmv300 operating temperature: std: ?5? to +85? h series: ?5? to +125? dimensions: mm specifications tf318(h)0 4.5 0.3 d. 4.5 0.3 d. 5.4 0.2 d. 1.5 0.5 1.5 0.5 1.7 0.5 3.0 0.2 d. 3.0 0.2 d. 4.0 0.2 d. l 1 l 2 l 1 l 2 1.7 0.1 d. mounting hole chassis mounting hole 5.0 +0.5 ?.0 4.2 +0.1 ? 5.0 +0.5 ?.0 5.0 +0.5 ?.0 3.2 +0.1 d. ? tf318(h) type lead dia. l 1 l 2 tf318(h)-850 25.0 2.0 30.0 2.0 ____________ ___ _______________________ _____ tf318(h)-853 0.8 14.0 1.0 15.0 1.0 ____________ ___ _______________________ _____ tf318(h)-855 9.5 0.5 11.0 0.5 tf318(h)-053 1.0 11.0 1.0 16.5 1.0 ____________ ___ _______________________ _____ tf318(h)-055 7.0 0.7 6.2 0.7 tf318(h)-450 1.4 4.5 7.5 1.0 ____________ ___ _______________________ _____ tf318(h)-452 7.0 1.0 9.0 1.0 type lead dia. l 1 l 2 tf418-452 1.4 7.2 1.0 8.8 1.0 ____________ ___ _______________________ _____ tf418-454 10.2 1.0 13.8 1.0 part number cap. cap. tol. temp. rated char. voltage tf318- sl100g50 10pf ?0% sl 50vdc tf318- sl220m50 22pf ?0% sl 50vdc tf318- sl330m50 33pf ?0% sl 50vdc tf318- sl470m50 47pf ?0% sl 50vdc tf318- yn101m50 100pf ?0% yn 50vdc tf318- b271m50 270pf ?0% b 50vdc tf318(h)- b(f)471m50 470pf ?0% b 50vdc tf318- e102gmv50 1000pf % e 50vdc tf318- e152p50 1500pf % e 50vdc +200 ? +100 ? +20 ?5 part numbering system part number cap. cap. tol. temp. rated char. voltage tf418- e102gmv300 1000pf % e 300vdc tf418- e152p300 1500pf % e 300vdc +200 ? +100 ? +1.0 0.5
emi leaded filters ferrite products ea10/ea20 series the ea10/ea20 series is an emc absorber suitable for filtering from 100mhz to 20ghz. features excellent elasticity and durability with silicon rubber suitable for prevention of abnormal oscillation in high frequency module, suppression of spurious spectra and interference between circuits ea1026 a 100 m type: type thickness dimension: dimension: emc absorber of absorber width (required) length (required) part numbering system cg01-i 267 magnetic permeability e reluctance (typ.) 16 12 8 4 2 0.1 frequency (mhz) 0 1.0 10 20 ea20 series reflection loss (typ.) 0 20 25 30 35 attenuation level (db) 02468101214161820 frequency (mhz) 40 ea1075a270 ea1046a180 ea1026a180 ea1026a160 ea1026a100 5 15 10 ea10 series part number applicable frequency thickness (mm) (ghz) ea1026a100 20.0 1.0 ea1026a160 11.5 1.6 ea1026a180 10.0 1.8 ea1046a180 5.8 1.8 ea1075a270 2.5 2.7 ea2070a020 0.2 ea2070a050 0.1 ~ 3.0 0.5 ea2070a100 1.0 specifications emi leaded filters
emi leaded filters ferrite products fsoc series the unique fsoc ferrite cores provide high frequency emi noise suppression for split and flat cables and find wide application in computers and peripherals to several hundreds of mhz. they are exceptionally easy to install and extremely effective. features extremely effective emi noise prevention wide application in data processing equipment simple installation no soldered connections fs oc 24 0 rt soft shape diameter variation material ferrite oc = flat cable core ??in mm part numbering system 268 cg01-i flat cable cores impedance (ohms) 200 100 50 10 1 5 10 50 100 500 frequency (mhz) fsoc270rn fsoc600rn fsoc240rt fsoc400rt fsoc290pb fsoc410rn part number impedance (ohms) (100mhz) fsoc240rt 77 fsoc270rn 60 fsoc290pb 62 fsoc400rt 80 fsoc410rn 70 fsoc600rn 72 dimensions: mm specifications 18.8 0.5 23.8 0.6 6.3 15.0 0.4 1.1 8.05 2.15 22.25 27.0 12.4 8.7 2.3 24.04 29.2 16.18 40.0 1.0 4 35.0 1.0 12.0 0.6 0.5 35.0 15.0 41.2 1.5 7.7 1.9 60.0 12.7 12.0 48.0


▲Up To Search▲   

 
Price & Availability of BNP002-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X